Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJ CKBP-JYKY-36-1 Datasheet (PDF) - ams-OSRAM AG

LJ CKBP-JYKY-36-1 Datasheet PDF - ams-OSRAM AG
Part # LJ CKBP-JYKY-36-1
Download  LJ CKBP-JYKY-36-1 Download
File Size   1818.13 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Signal

LJ CKBP-JYKY-36-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LJ CKBP-JYKY-36-1 Datasheet PDF - ams-OSRAM AG

Part # LJ CKBP-JYKY-36-1
Download  LJ CKBP-JYKY-36-1 Click to download

File Size   1818.13 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Signal

LJ CKBP-JYKY-36-1 Datasheet (HTML) - ams-OSRAM AG


LJ CKBP-JYKY-36-1 Product details

Applications
- Electronic Equipment
- Emergency Vehicle Lighting
- Head-Up Display LED & Laser
- Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
- Traffic Lights
- Transportation, Plane, Ship
- VMS
Features
- Package: SMD ceramic package with silicone lens
- Chip technology: Thinfilm
- Typ. Radiation: 120°
- Color: λdom = 625 nm (● red)
- Corrosion Robustness Class: 3B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - LJ CKBP-JYKY-36-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LJ CRBP.01-JZLX-27-3A4A AMSOSRAM-LJ CRBP.01-JZLX-27-3A4A Datasheet
2Mb / 23P
OSLON™ Signal
2026-05-05
More results


Similar Description - LJ CKBP-JYKY-36-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
LTCQBP OSRAM-LTCQBP Datasheet
966Kb / 21P
OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
OSLON Signal
LCYCLBP OSRAM-LCYCLBP Datasheet
766Kb / 22P
OSLON Signal
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com